n o t e s : 1 . p u l s e t e s t : 3 0 0 s p u l s e w i d t h , 1 % d u t y c y c l e 2 . t h e r m a l r e s i s t a n c e ( f r o m j u n c t i o n t o a m b i e n t ) v e r t i c a l p . c . b . m o u n t e d , 0 . 5 " ( 1 2 . 7 m m ) l e a d l e n g t h 3 . m e a s u r e d a t 1 . 0 m h z a n d r e v e r s e v o l t a g e o f 4 . 0 v o l t s m a x i m u m r e p e t i t i v e p e a k r e v e r s e v o l t a g e 2 0 1 4 2 0 3 0 2 1 3 0 4 0 2 8 4 0 5 0 3 5 5 0 6 0 4 2 6 0 8 0 5 7 8 0 1 0 0 7 1 1 0 0 v r r m v o l t s v o l t s v o l t s v o l t s m a a m p a m p s v r m s v d c i ( a v ) i f s m t s t g v f i r r j a m a x i m u m r m s v o l t a g e m a x i m u m d c b l o c k i n g v o l t a g e m a x i m u m a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t 0 . 3 7 5 " ( 9 . 5 m m ) l e a d l e n g t h ( s e e f i g . 1 ) m a x i m u m i n s t a n t a n e o u s f o r w a r d v o l t a g e a t 1 . 0 a ( n o t e 1 ) t = 2 5 c t = 1 0 0 c a a t y p i c a l t h e r m a l r e s i s t a n c e ( n o t e 2 ) t y p i c a l j u n c t i o n c a p a c i t a n c e ( n o t e 3 ) o p e r a t i n g j u n c t i o n t e m p e r a t u r e r a n g e s t o r a g e t e m p e r a t u r e r a n g e m a x i m u m i n s t a n t a n e o u s r e v e r s e c u r r e n t a t r a t e d d c b l o c k i n g v o l t a g e ( n o t e 1 ) p e a k f o r w a r d s u r g e c u r r e n t 8 . 3 m s s i n g l e h a l f s i n e - w a v e s u p e r i m p o s e d o n r a t e d l o a d ( j e d e c m e t h o d ) 1 . 0 4 0 . 0 - 6 5 t o + 1 5 0 - 6 5 t o + 1 5 0 1 1 0 5 0 . 0 0 . 2 1 0 0 . 5 5 0 . 7 0 0 . 8 5 0 . 9 5 p f c / w c c c j t j 1 5 0 1 0 5 1 5 0 2 0 0 1 4 0 2 0 0 0 . 9 0 0 . 1 2 6 ( 3 . 2 ) 0 . 1 0 2 ( 2 . 6 ) 0 . 0 2 5 ( 0 . 6 5 ) 0 . 7 8 7 ( 2 0 . 0 ) m i n . 0 . 1 0 6 ( 2 . 7 ) 0 . 0 9 1 ( 2 . 3 ) d i a . 0 . 0 2 1 ( 0 . 5 5 ) d i a . 0 . 7 8 7 ( 2 0 . 0 ) m i n . MBR120TG thru mbr1200tg schottky barrier rectifier reverse voltage: 20 to 200 volts forward current: 1.0 ampere high current capability, low forward voltage drop high surge capability high temperature soldering guaranteed: for use in low voltage, high free wheeling, and polarity protection applications ? ? ? ? features plastic package has underwriters laboratory flammability ? classification 94v-0 metal silicon junction, majority carrier conduction ? low power loss, high efficiency r-1 package outline dimensions in inches and (millimeters) frequency inverters, 260 c/10 seconds at terminals component in accordance to rohs 2002/95/ec and ? weee 2002/96/ec ? ? mechanical data ? case: r-1 molded plastic body ? terminals: plated axial leads, solderable per mil-std-750, method 2026 ? polarity: color band denotes cathode end ? mounting position: any ? weight: 0.007 ounce, 0.20 gram maximum ratings and electrical characteristics ? ratings at 25 c ambient temperature unless otherwise specified. ? single phase, half wave, resistive or inductive load. ? for capacitive load derate by 20%. ? page 1/2 @ 2010 copyright by american first semiconductor symbols mbr type number 120 tg mbr 130 tg mbr 140 tg mbr 150 tg mbr 160 tg mbr 180 tg mbr 1100 tg mbr 1150 tg mbr 1200 tg units
0 . 0 1 0 . 0 0 1 0 . 0 1 0 . 1 1 . 0 1 0 0 1 0 0 . 1 1 0 1 0 2 0 3 0 4 0 5 0 5 0 1 0 0 2 0 0 4 0 6 0 8 0 1 0 0 1 1 0 1 0 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 6 1 . 4 1 . 2 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 1 7 5 0 0 . 2 5 0 . 5 0 . 7 5 1 f i g . 1 - f o w a r d c u r r e n t d e r a t i n g c u r v e f i g . 2 - m a x i m u m n o n - r e p e t i t i v e p e a k f o r w a r d s u r g e c u r r e n t f i g . 3 - t y p i c a l i n s t a n t a n e o u s f o r w a r d c h a r a c t e r i s t i c s f i g . 4 - t y p i c a l r e v e r s e c h a r a c t e r i s t i c s a v e r a g e f o r w a r d c u r r e n t a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s f o r w a r d v o l t a g e ( v o l t s ) r e v e r s e v o l t a g e . v o l t s t , p u l s e d u r a t i o n , s e c . p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e % n u m b e r o f c y c l e s a t 6 0 h z l e a d t e m p e r a t u r e ( c ) t j = 2 5 c t j = 1 2 5 c t j = 1 5 0 c p u l s e w i d t h = 3 0 0 s 1 % d u t y c y c l e t j = t j m a x 8 . 3 m s s i n g l e h a l f s i n e - w a v e ( j e d e c m e t h o d ) t j = 1 2 5 c t j = 2 5 c t j = 1 0 0 c r e s i s t i v e o r i n d u c t i v e l o a d 0 . 3 7 5 " ( 9 . 5 m m ) l e a d l e n g t h 1 0 1 1 0 0 . 1 0 . 1 0 . 1 0 . 0 1 1 1 1 0 1 0 1 0 0 1 0 0 1 0 0 4 0 0 1 0 0 f i g . 5 - t y p i c a l j u n c t i o n c a p a c i t a n c e f i g . 6 - t y p i c a l t r a n s i e n t t h e r m a l i m p e d a n c e j u n c t i o n c a p a c i t a n c e ( p f ) t r a n s i e n t t h e r m a l i m p e d a n c e , c / w t j = 2 5 c f = 1 . 0 m h z v s i g = 5 0 m v p - p MBR120TG thru mbr1200tg rating and characteristic curves page 2/2 www.first-semi.com MBR120TG-mbr140tg mbr150tg-mbr1200tg MBR120TG-mbr140tg mbr150tg-mbr1200tg MBR120TG-mbr140tg mbr150tg-mbr1200tg
|